Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F870/SS Fiches technique(PDF) 135 Page - Microchip Technology

No de pièce PIC16F870/SS
Description  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F870/SS Fiches technique(HTML) 135 Page - Microchip Technology

Back Button PIC16F870/SS Datasheet HTML 131Page - Microchip Technology PIC16F870/SS Datasheet HTML 132Page - Microchip Technology PIC16F870/SS Datasheet HTML 133Page - Microchip Technology PIC16F870/SS Datasheet HTML 134Page - Microchip Technology PIC16F870/SS Datasheet HTML 135Page - Microchip Technology PIC16F870/SS Datasheet HTML 136Page - Microchip Technology PIC16F870/SS Datasheet HTML 137Page - Microchip Technology PIC16F870/SS Datasheet HTML 138Page - Microchip Technology PIC16F870/SS Datasheet HTML 139Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 156 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS30569A-page 135
PIC16F870/871
15.0
DC AND AC
CHARACTERISTICS GRAPHS
AND TABLES
The graphs and tables provided in this section are for
design guidance and are not tested.
In some graphs or tables, the data presented are out-
side specified operating range (i.e., outside specified
VDD range). This is for information only and devices
are ensured to operate properly only within the speci-
fied range.
The data presented in this section is a statistical sum-
mary of data collected on units from different lots over
a period of time and matrix samples. ’Typical’ repre-
sents the mean of the distribution at 25
°C. ’Max’ or ’min’
represents (mean + 3
σ) or (mean - 3σ) respectively,
where
σ is standard deviation, over the whole temper-
ature range.
Graphs and Tables not available at this time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More