| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16C72-02/SS Fiches technique(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16C72-02/SS Fiches technique(HTML) 8 Page - Microchip Technology |
|
8 / 124 page ![]() PIC16C72 Series DS39016A-page 8 Preliminary © 1998 Microchip Technology Inc. Bank 1 80h(1) INDF Addressing this location uses contents of FSR to address data memory (not a physical register) 0000 0000 0000 0000 81h OPTION_REG RBPU INTEDG T0CS T0SE PSA PS2 PS1 PS0 1111 1111 1111 1111 82h(1) PCL Program Counter's (PC) Least Significant Byte 0000 0000 0000 0000 83h(1) STATUS IRP(4) RP1(4) RP0 TO PD Z DC C 0001 1xxx 000q quuu 84h(1) FSR Indirect data memory address pointer xxxx xxxx uuuu uuuu 85h TRISA — — PORTA Data Direction Register --11 1111 --11 1111 86h TRISB PORTB Data Direction Register 1111 1111 1111 1111 87h TRISC PORTC Data Direction Register 1111 1111 1111 1111 88h — Unimplemented — — 89h — Unimplemented — — 8Ah(1,2) PCLATH — — — Write Buffer for the upper 5 bits of the PC ---0 0000 ---0 0000 8Bh(1) INTCON GIE PEIE T0IE INTE RBIE T0IF INTF RBIF 0000 000x 0000 000u 8Ch PIE1 — ADIE — — SSPIE CCP1IE TMR2IE TMR1IE -0-- 0000 -0-- 0000 8Dh — Unimplemented — — 8Eh PCON — — — — — — POR BOR ---- --qq ---- --uu 8Fh — Unimplemented — — 90h — Unimplemented — — 91h — Unimplemented — — 92h PR2 Timer2 Period Register 1111 1111 1111 1111 93h SSPADD Synchronous Serial Port (I2C mode) Address Register 0000 0000 0000 0000 94h SSPSTAT SMP(5) CKE(5) D/A P S R/W UA BF 0000 0000 0000 0000 95h — Unimplemented — — 96h — Unimplemented — — 97h — Unimplemented — — 98h — Unimplemented — — 99h — Unimplemented — — 9Ah — Unimplemented — — 9Bh — Unimplemented — — 9Ch — Unimplemented — — 9Dh — Unimplemented — — 9Eh — Unimplemented — — 9Fh ADCON1 — — — — — PCFG2 PCFG1 PCFG0 ---- -000 ---- -000 TABLE 2-1 SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on: POR, BOR Value on all other resets (3) Legend: x = unknown, u = unchanged, q = value depends on condition, - = unimplemented read as '0'. Shaded locations are unimplemented, read as ‘0’. Note 1: These registers can be addressed from either bank. 2: The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<12:8> whose con- tents are transferred to the upper byte of the program counter. 3: Other (non power-up) resets include external reset through MCLR and Watchdog Timer Reset. 4: The IRP and RP1 bits are reserved on the PIC16C72/CR72. Always maintain these bits clear. 5: SSPSTAT<7:6> are not implemented on the PIC16C72, read as '0'. |