| Moteur de recherche de fiches techniques de composants électroniques |
|
UT2304G-AE3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UT2304G-AE3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 5 page ![]() UNISONIC TECHNOLOGIES CO., LTD UT2304 Power MOSFET www.unisonic.com.tw 1 of 5 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R502-150.F N-CHANNEL ENHANCEMENT MODE DESCRIPTION The UT2304 is an N-Channel Power MOSFET that can achieve the lowest possible on-resistance, extremely and cost- effectiveness device by using advanced trench technology. SYMBOL Gate Source Drain SOT-23 (EIAJ SC-59) 1 2 3 SOT-89 1 SOT-23-3 (JEDEC TO-236) 1 2 3 ORDERING INFORMATION Ordering Number Package Pin Assignment Packing 1 2 3 UT2304G-AE2-R SOT-23-3 S G D Tape Reel UT2304G-AE3-R SOT-23 S G D Tape Reel UT2304G-AB3-R SOT-89 S D G Tape Reel Note: Pin Assignment: G: Gate D: Drain S: Source MARKING SOT-23 / SOT-23-3 SOT-89 23DG |
Numéro de pièce similaire - UT2304G-AE3-R |
|
Description similaire - UT2304G-AE3-R |