Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

28C64AFT-20TS Fiches technique(PDF) 4 Page - Microchip Technology

No de pièce 28C64AFT-20TS
Description  64K (8K x 8) CMOS EEPROM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

28C64AFT-20TS Fiches technique(HTML) 4 Page - Microchip Technology

  28C64AFT-20TS Datasheet HTML 1Page - Microchip Technology 28C64AFT-20TS Datasheet HTML 2Page - Microchip Technology 28C64AFT-20TS Datasheet HTML 3Page - Microchip Technology 28C64AFT-20TS Datasheet HTML 4Page - Microchip Technology 28C64AFT-20TS Datasheet HTML 5Page - Microchip Technology 28C64AFT-20TS Datasheet HTML 6Page - Microchip Technology 28C64AFT-20TS Datasheet HTML 7Page - Microchip Technology 28C64AFT-20TS Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
28C64A
DS11109H-page 4
© 1996 Microchip Technology Inc.
TABLE 1-4:
BYTE WRITE AC CHARACTERISTICS
FIGURE 1-2:
PROGRAMMING WAVEFORMS
AC Testing Waveform:
VIH = 2.4V; VIL = 0.45V; VOH = 2.0V; VOL = 0.8V
Output Load:
1 TTL Load + 100 pF
Input Rise/Fall Times:
20 ns
Ambient Temperature:
Commercial (C):
Tamb
=
0˚C to +70˚C
Industrial
(I):
Tamb
=
-40˚C to +85˚C
Parameter
Symbol
Min
Max
Units
Remarks
Address Set-Up Time
tAS
10
—
ns
Address Hold Time
tAH
50
—
ns
Data Set-Up Time
tDS
50
—
ns
Data Hold Time
tDH
10
—
ns
Write Pulse Width
tWPL
100
—
ns
Note 1
Write Pulse High Time
tWPH
50
—
ns
OE Hold Time
tOEH
10
—
ns
OE Set-Up Time
tOES
10
—
ns
Data Valid Time
tDV
—
1000
ns
Note 2
Time to Device Busy
tDB
250
ns
Write Cycle Time (28C64A)
tWC
—
1
ms
0.5 ms typical
Write Cycle Time (28C64AF)
tWC
—
200
µs
100
µs typical
Note 1: A write cycle can be initiated be CE or WE going low, whichever occurs last. The data is latched on the pos-
itive edge WE, whichever occurs first.
2: Data must be valid within 1000ns max. after a write cycle is initiated and must be stable at least until tDH after
the positive edge of WE or CE, whichever occurs first.
tAS
tAH
tWPL
tDS
tDH
tOES
tOEH
tWC
Address
CE, WE
Data In
OE
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
Rdy/Busy
VOH
VOL
tDB
tDV
Busy
Ready



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com