Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICM7218 Fiches technique(PDF) 3 Page - Intersil Corporation

No de pièce ICM7218
Description  8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7218 Fiches technique(HTML) 3 Page - Intersil Corporation

  ICM7218 Datasheet HTML 1Page - Intersil Corporation ICM7218 Datasheet HTML 2Page - Intersil Corporation ICM7218 Datasheet HTML 3Page - Intersil Corporation ICM7218 Datasheet HTML 4Page - Intersil Corporation ICM7218 Datasheet HTML 5Page - Intersil Corporation ICM7218 Datasheet HTML 6Page - Intersil Corporation ICM7218 Datasheet HTML 7Page - Intersil Corporation ICM7218 Datasheet HTML 8Page - Intersil Corporation ICM7218 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
FN3159.3
September 15, 2015
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VDD to VSS). . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V
Digit Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300mA
Segment Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Input Voltage (Any Terminal)(Note 1). . . . VSS -0.3V to VDD + 0.3V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Thermal Resistance (Typical, Note 2)
JA (°C/W) JC (°C/W)
CERDIP Package. . . . . . . . . . . . . . . . .
55
14
Maximum Storage Temperature Range . . . . . . . . . .-65°C to +150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . +300°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. Due to the SCR structure inherent in the CM0S process used to fabricate these devices, connecting any terminal to a voltage greater than VDD
or less than VSS may cause destructive device latchup. For this reason it is recommended that no inputs from sources operating on a different
power supply be applied to the device before its own supply is established, and when using multiple supply systems the supply to the ICM7218
should be turned on first.
2.
JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
VDD = 5V, VSS = 0V, TA = +25°C, Display Diode Drop = 1.7V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VSUPPLY
Operating
4
-
6
V
Power Down Mode
2
-
6
V
Quiescent Supply Current
IQ
Shutdown (Note 3)
6
10
300
A
Operating Supply Current - Outputs Open
Circuit
IDD
Common Anode SEGS On (Note 6)
-
-
2.5
mA
Common Anode SEGS Off (Note 6)
-
-
500
A
Common Cathode SEGS On (Note 6)
-
-
700
A
Common Cathode SEGS Off (Note 6)
-
-
500
A
Digit Drive Current
IDIG
Common Anode VOUT = VDD -2.0V
140
200
-
mA
Common Cathode VOUT = VSS +1.0V
50
100
-
mA
Digit Leakage Current - Shutdown Mode
IDLK
Common Anode VOUT = 2V
-
-
100
A
Common Cathode VOUT = 5V
-
-
100
A
Peak Segment Drive Current
ISEG
Common Anode VOUT = VSS +1.0V
20
40
-
mA
Common Anode VOUT = VDD -2.0V
-10
-20
-
mA
Segment Leakage Current - Shutdown
Mode
ISLK
Common Anode VOUT = VDD
-
-
100
A
Common Cathode VOUT = VSS
-
-
100
A
Display Scan Rate
fMUX
Per Digit
-
250
-
Hz
Three Level Input (Pin 9 ICM7218C/D)
Logical “1” Input Voltage
VIH
Hexadecimal
4.5
-
-
V
Floating Input
VIF
Code B
2.0
-
3.0
V
Logical “0” Input Voltage
VIL
Shutdown
-
-
0.4
V
Three Level Input Impedance
ZIN
Note 3
-
100
-
k
Logical “1” Input Voltage
VIH
3.5
-
-
V
Logical “0” Input Voltage
VIL
--
0.8
V
Wrtie Pulse Width (Low)
tWL
7218A, 7218B
550
400
-
ns
7218C, 7218D
400
250
-
ns
Mode Hold Time
tMH
7218A, 7218B
150
-
-
ns
Mode Setup Time
tMS
7218A, 7218B
500
-
-
ns
Data Setup Time
tDS
500
-
-
ns
Data Hold Time
tDH
7218A, 7218B
50
-
-
ns
7218C, 7218D
125
-
-
ns
Digital Address Setup Time
tAS
7218C, 7218D
500
-
-
ns
ICM7218



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com