Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16C72A Fiches technique(PDF) 2 Page - Microchip Technology

No de pièce PIC16C72A
Description  28-Pin 8-Bit CMOS Microcontrollers
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C72A Fiches technique(HTML) 2 Page - Microchip Technology

  PIC16C72A Datasheet HTML 1Page - Microchip Technology PIC16C72A Datasheet HTML 2Page - Microchip Technology PIC16C72A Datasheet HTML 3Page - Microchip Technology PIC16C72A Datasheet HTML 4Page - Microchip Technology PIC16C72A Datasheet HTML 5Page - Microchip Technology PIC16C72A Datasheet HTML 6Page - Microchip Technology PIC16C72A Datasheet HTML 7Page - Microchip Technology PIC16C72A Datasheet HTML 8Page - Microchip Technology PIC16C72A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 120 page
background image
PIC16C62B/72A
DS35008B-page 2
Preliminary
© 1999 Microchip Technology Inc.
Pin Diagrams
MCLR/VPP
RA0
RA1
RA2
RA3
RA4/T0CKI
RA5/SS
VSS
OSC1/CLKIN
OSC2/CLKOUT
RC0/T1OSO/T1CKI
RC1/T1OSI
RC2/CCP1
RC3/SCK/SCL
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0/INT
VDD
VSS
RC7
RC6
RC5/SDO
RC4/SDI/SDA
• 1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
SDIP, SOIC, SSOP, Windowed CERDIP
Key Features
PICmicro™ Mid-Range Reference Manual
(DS33023)
PIC16C62B
PIC16C72A
Operating Frequency
DC - 20 MHz
DC - 20 MHz
Resets (and Delays)
POR, BOR (PWRT, OST)
POR, BOR (PWRT, OST)
Program Memory (14-bit words)
2K
2K
Data Memory (bytes)
128
128
Interrupts
7
8
I/O Ports
Ports A,B,C
Ports A,B,C
Timers
3
3
Capture/Compare/PWM modules
1
1
Serial Communications
SSP
SSP
8-bit Analog-to-Digital Module
—
5 input channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More