Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM79L12ACM/NOPB Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM79L12ACM/NOPB
Description  Series 3-Terminal Negative Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM79L12ACM/NOPB Fiches technique(HTML) 2 Page - Texas Instruments

  LM79L12ACM/NOPB Datasheet HTML 1Page - Texas Instruments LM79L12ACM/NOPB Datasheet HTML 2Page - Texas Instruments LM79L12ACM/NOPB Datasheet HTML 3Page - Texas Instruments LM79L12ACM/NOPB Datasheet HTML 4Page - Texas Instruments LM79L12ACM/NOPB Datasheet HTML 5Page - Texas Instruments LM79L12ACM/NOPB Datasheet HTML 6Page - Texas Instruments LM79L12ACM/NOPB Datasheet HTML 7Page - Texas Instruments LM79L12ACM/NOPB Datasheet HTML 8Page - Texas Instruments LM79L12ACM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
A2
-VOUT
-VIN
GND
-VIN
B2
C2
A1
B1
C1
-VOUT
GND
-VOUT
-VIN
-VIN
NC
NC
-VIN
-VIN
GND
1
2
3
4
8
7
6
5
LM79L05AC is OBSOLETE
LM79L05, LM79L12, LM79L12AC
LM79L15, LM79L15AC
SNOSBR8K – JULY 1999 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Connection Diagram
Pins labeled 'NC' on LM79LXXACM 8-Lead SOIC (pin 4 and pin 8) are Open, no internal connection.
Figure 3. 8-Lead SOIC Narrow (D)
Top View
Figure 4. 3–Lead TO-226 (LP)
Bottom View
Figure 5. 6-Bump DSBGA
Top View (Bump Side Down)
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM79L05 LM79L12 LM79L12AC LM79L15 LM79L15AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17