| Moteur de recherche de fiches techniques de composants électroniques |
|
LM79L05ACTL/NOPB Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM79L05ACTL/NOPB Fiches technique(HTML) 2 Page - Texas Instruments |
|
2 / 17 page ![]() A2 -VOUT -VIN GND -VIN B2 C2 A1 B1 C1 -VOUT GND -VOUT -VIN -VIN NC NC -VIN -VIN GND 1 2 3 4 8 7 6 5 LM79L05AC is OBSOLETE LM79L05, LM79L12, LM79L12AC LM79L15, LM79L15AC SNOSBR8K – JULY 1999 – REVISED APRIL 2013 www.ti.com These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. Connection Diagram Pins labeled 'NC' on LM79LXXACM 8-Lead SOIC (pin 4 and pin 8) are Open, no internal connection. Figure 3. 8-Lead SOIC Narrow (D) Top View Figure 4. 3–Lead TO-226 (LP) Bottom View Figure 5. 6-Bump DSBGA Top View (Bump Side Down) 2 Submit Documentation Feedback Copyright © 1999–2013, Texas Instruments Incorporated Product Folder Links: LM79L05 LM79L12 LM79L12AC LM79L15 LM79L15AC |