| Moteur de recherche de fiches techniques de composants électroniques |
|
UML2502L-AE3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UML2502L-AE3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD UML2502 Power MOSFET www.unisonic.com.tw 1 of 6 Copyright © 2010 Unisonic Technologies Co., Ltd QW-R502-227.B N-CHANNEL POWER MOSFET DESCRIPTION The UML2502 uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with low gate voltages. This device is suitable for use as a load switch or in PWM applications. FEATURES * RDS(ON) < 45mΩ@VGS = 4.5V * RDS(ON) < 80mΩ@VGS = 2.5V * Ultra Low Gate Charge (Max. 12nC ) * Low Reverse Transfer Capacitance ( CRSS = Typical 66pF ) * Fast Switching Capability * Avalanche Energy Specified * Improved dv/dt Capability SYMBOL 2.Gate 1.Source 3.Drain ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Plating Halogen Free Package 1 2 3 Packing UML2502L-AE3-R UML2502G-AE3-R SOT-23 S G D Tape Reel MARKING |
Numéro de pièce similaire - UML2502L-AE3-R |
|
Description similaire - UML2502L-AE3-R |