| Moteur de recherche de fiches techniques de composants électroniques |
|
UH11KG-AL6-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UH11KG-AL6-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD UH11K Preliminary NPN EPITAXIAL SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R218-027.b DUAL BIAS RESISTOR TRANSISTORS DESCRIPTION The UTC UH11K is a dual bias resistor transistors, it uses UTC’s advanced technology to provide customers with saving board space, reducing component count, etc. The UTC UH11K is suitable for low power surface mount applications, etc. FEATURES * Reducing component count * Saving board space EQUIVALENT CIRCUIT ORDERING INFORMATION Ordering Number Package Pin Assignment Packing 12 34 5 6 UH11KG-AL6-R SOT-363 E1 B1 C2 E2 B2 C1 Tape Reel Note: Pin Assignment: G: Gate D: Drain S: Source (1) R: Tape Reel (2) AL6: SOT-363 (3) G: Halogen Free and Lead Free UH11KG-AL6-R (1)Packing Type (2)Package Type (3)Green Package MARKING |
Numéro de pièce similaire - UH11KG-AL6-R |
|
Description similaire - UH11KG-AL6-R |