| Moteur de recherche de fiches techniques de composants électroniques |
|
UT6302G-AE3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UT6302G-AE3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 5 page ![]() UNISONIC TECHNOLOGIES CO., LTD UT6302 Power MOSFET www.unisonic.com.tw 1 of 5 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R502-363.F P-CHANNEL ENHANCEMENT MOSFET DESCRIPTION The UTC UT6302 is a power MOSFET offering the customers efficient and reliable performance. The UTC UT6302 is ideal for thin application environments, such as portable electronics and PCMCIA cards. FEATURES * Extremely-Low On-Resistance * Fast Switching Speed SYMBOL ORDERING INFORMATION Pin Assignment Ordering Number Package 1 2 3 Packing UT6302G-AE2-R SOT-23-3 S G D Tape Reel UT6302G-AE3-R SOT-23 S G D Tape Reel Note: Pin Assignment: S: Source G: Gate D: Drain MARKING 3 1 2 6302G |
Numéro de pièce similaire - UT6302G-AE3-R |
|
Description similaire - UT6302G-AE3-R |