| Moteur de recherche de fiches techniques de composants électroniques |
|
UT2340G-AE3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UT2340G-AE3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 5 page ![]() UNISONIC TECHNOLOGIES CO., LTD UT2340 Power MOSFET www.unisonic.com.tw 1 of 5 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R502-162.D P-CHANNEL ENHANCEMENT MODE DESCRIPTION The UTC UT2340 is P-Channel enhancement mode Power MOSFET, designed in serried ranks with fast switching speed, low on-resistance and favorable stabilization. Used in commercial and industrial surface mount applications and suited for low voltage applications such as DC/DC converters. SYMBOL 2.Gate 1.Source 3.Drain ORDERING INFORMATION Ordering Number Package Pin Assignment Packing 1 2 3 UT2340G-AE3-R SOT-23 S G D Tape Reel Note: Pin Assignment: G: Gate D: Drain S: Source MARKING |
Numéro de pièce similaire - UT2340G-AE3-R |
|
Description similaire - UT2340G-AE3-R |