| Moteur de recherche de fiches techniques de composants électroniques |
|
UG9JG-AL5-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UG9JG-AL5-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD UG9J Preliminary NPN EPITAXIAL SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R221-025.a NPN EPITAXIAL TRANSISTOR DESCRIPTION The UTC UG9J is an NPN epitaxial transistor; it uses UTC’s advanced technology to provide the customers with low collector -emitter saturation voltage, etc. The UTC UG9J is suitable for switching, inverter circuit and driver circuit applications. FEATURES * Low collector-emitter saturation voltage * With built-in bias resistors * Simplify circuit design EQUIVALENT CIRCUIT ORDERING INFORMATION Ordering Number Package Pin Assignment Packing 1 2 3 4 5 UG9JG-AL5-R SOT-353 B1 E B2 C2 C1 Tape Reel Note: Pin Assignment: B: Base C: Collector E: Emitter UG9JG-AL5-R (1)Packing Type (2)Package Type (3)Green Package (1) R: Tape Reel (2) AL5: SOT-353 (3) G: Halogen Free and Lead Free MARKING |
Numéro de pièce similaire - UG9JG-AL5-R |
|
Description similaire - UG9JG-AL5-R |