| Moteur de recherche de fiches techniques de composants électroniques |
|
UG9HG-AG6-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UG9HG-AG6-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD UG9H Preliminary DUAL TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R218-026.c GENERAL PURPOSE (DUAL DIGITAL TRANSISTORS) DESCRIPTION The UTC UG9H is a dual digital transistor, the transistor elements are independent and obviating interference, so the mounting cost and area can be cut in half. FEATURES * Mounting cost and area can be cut in half. * Transistor elements are independent, obviating interference. EQUIVALENT CIRCUIT ORDERING INFORMATION Ordering Number Package Pin Assignment Packing 1 2 3 4 5 6 UG9HG-AG6-R SOT-26 G1 I1 O2 G2 I2 O1 Tape Reel Note: Pin Assignment: G: GND I: Input O: Output MARKING |
Numéro de pièce similaire - UG9HG-AG6-R |
|
Description similaire - UG9HG-AG6-R |