| Moteur de recherche de fiches techniques de composants électroniques |
|
UG5JG-AL5-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UG5JG-AL5-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD UG5J NPN SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2010 Unisonic Technologies Co., Ltd QW-R222-004,A NPN DIGITAL TRANSISTOR (BUILT- IN BIAS RESISTORS) FEATURES * Two DTC114Y chips in a SOT-353 package. * Mounting cost and area can be reduced in half. STRUCTURE * Epitaxial planar type * NPN silicon transistor (Built-in resistor type) * Halogen Free ORDERING INFORMATION Pin Assignment Ordering Number Package 1 2 3 4 5 Packing UG5JG-AL5-R SOT-353 I1 G1,G2 I2 O2 O1 Tape Reel MARKING INFORMATION UG5J 3 2 1 4 5 |
Numéro de pièce similaire - UG5JG-AL5-R |
|
Description similaire - UG5JG-AL5-R |