| Moteur de recherche de fiches techniques de composants électroniques |
|
UG4JG-AL5-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UG4JG-AL5-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD UG4J NPN SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R222-001.B EMITTER COMMON (DUAL DIGITAL TRANSISTORS) FEATURES * Two DTC114T chips in a SOT-353 package. EQUIVALENT CIRCUIT ORDERING INFORMATION Order Number Package Pin Assignment Packing 1 2 3 4 5 UG4JG-AL5-R SOT-353 B1 E1,E2 B2 C2 C1 Tape Reel Note: Pin Assignment: B: Base C: Collector E: Emitter UG4JG-AL5-R (1)Packing Type (2)Package Type (3)Green Package (1) R: Tape Reel (2) AL5: SOT-353 (3) G: Halogen Free and Lead Free MARKING |
Numéro de pièce similaire - UG4JG-AL5-R |
|
Description similaire - UG4JG-AL5-R |