| Moteur de recherche de fiches techniques de composants électroniques |
|
TIP41CG-X-TN3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
TIP41CG-X-TN3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD TIP41C NPN PLANAR TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R203-008.I NPN EXPITAXIAL PLANAR TRANSISTOR DESCRIPTION The UTC TIP41C is a NPN expitaxial planar transistor, designed for using in general purpose amplifier and switching applications. FEATURE * Complement to TIP42C SYMBOL ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Halogen Free Package 1 2 3 Packing TIP41CL-x-TA3-T TIP41CG-x-TA3-T TO-220 B C E Tube TIP41CL-x-TF3-T TIP41CG-x-TF3-T TO-220F B C E Tube TIP41CL-x-TN3-T TIP41CG-x-TN3-T TO-252 B C E Tube TIP41CL-x-TN3-R TIP41CG-x-TN3-R TO-252 B C E Tape Reel MARKING |
Numéro de pièce similaire - TIP41CG-X-TN3-R |
|
Description similaire - TIP41CG-X-TN3-R |