| Moteur de recherche de fiches techniques de composants électroniques |
|
UD22K Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UD22K Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD UD22K Preliminary DUAL TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R221-020.b DIGITAL TRANSISTOR (BUILT-IN RESISTORS) DESCRIPTION The UTC UD22K is a dual transistor, including an NPN transistor and a PNP transistor. FEATURES * Built-in bias resistors that implies easy ON/OFF applications. * The bias resistors are thin-film resistors with complete isolation to allow positive input. EQUIVALENT CIRCUITS ORDERING INFORMATION Pin Assignment Ordering Number Package 1 2 3 4 5 6 Packing UD22KG-AL6-R SOT-363 G1 I1 O2 G2 I2 O1 Tape Reel Note: Pin Assignment: G: GND I: IN O: OUT UD22KG-AL6-R (1)Packing Type (2)Package Type (1) R: Tape Reel (2) AL6: SOT-363 (3) G: Halogen Free and Lead Free (3)Green Package MARKING |
Numéro de pièce similaire - UD22K |
|
Description similaire - UD22K |