Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP2510-EST Fiches technique(PDF) 47 Page - Microchip Technology

No de pièce MCP2510-EST
Description  Stand-Alone CAN Controller with SPI Interface
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2510-EST Fiches technique(HTML) 47 Page - Microchip Technology

Back Button MCP2510-EST Datasheet HTML 43Page - Microchip Technology MCP2510-EST Datasheet HTML 44Page - Microchip Technology MCP2510-EST Datasheet HTML 45Page - Microchip Technology MCP2510-EST Datasheet HTML 46Page - Microchip Technology MCP2510-EST Datasheet HTML 47Page - Microchip Technology MCP2510-EST Datasheet HTML 48Page - Microchip Technology MCP2510-EST Datasheet HTML 49Page - Microchip Technology MCP2510-EST Datasheet HTML 50Page - Microchip Technology MCP2510-EST Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 76 page
background image
 2000 Microchip Technology Inc.
Preliminary
DS21291C-page 47
MCP2510
REGISTER 7-2:
CANINTF - Interrupt FLAG Register (ADDRESS: 2Ch)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
MERRF
WAKIF
ERRIF
TX2IF
TX1IF
TX0IF
RX1IF
RX0IF
R = Readable bit
W = Writable bit
C = Bit can be cleared by
MCU but not set
U = Unimplemented -
reads as ‘0’
- n = Value at POR reset
bit 7
bit 0
bit 7:
MERRF: Message Error Interrupt Flag
bit 6:
WAKIF: Wakeup Interrupt Flag
bit 5:
ERRIF: Error Interrupt Flag (multiple sources in EFLG register)
bit 4:
TX2IF: Transmit Buffer 2 Empty Interrupt Flag
bit 3:
TX1IF: Transmit Buffer 1 Empty Interrupt Flag
bit 2:
TX0IF: Transmit Buffer 0 Empty Interrupt Flag
bit 1:
RX1IF: Receive Buffer 1 Full Interrupt Flag
bit 0:
RX0IF: Receive Buffer 0 Full Interrupt Flag
For all bits unless otherwise specified:
0 = No interrupt pending
1 = Interrupt pending (must be cleared by MCU to reset interrupt condition)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76