Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP3202 Fiches technique(PDF) 14 Page - Microchip Technology

No de pièce MCP3202
Description  2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3202 Fiches technique(HTML) 14 Page - Microchip Technology

Back Button MCP3202 Datasheet HTML 10Page - Microchip Technology MCP3202 Datasheet HTML 11Page - Microchip Technology MCP3202 Datasheet HTML 12Page - Microchip Technology MCP3202 Datasheet HTML 13Page - Microchip Technology MCP3202 Datasheet HTML 14Page - Microchip Technology MCP3202 Datasheet HTML 15Page - Microchip Technology MCP3202 Datasheet HTML 16Page - Microchip Technology MCP3202 Datasheet HTML 17Page - Microchip Technology MCP3202 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MCP3202
DS21034A-page 14
Preliminary
© 1999 Microchip Technology Inc.
FIGURE 5-1:
Communication with the MCP3202 using MSB first format only.
FIGURE 5-2:
Communication with MCP3202 using LSB first format.
Null
Bit
B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 B1 B2 B3 B4 B5 B6 B7 B8 B9 B10 B11
CS
CLK
D
OUT
HI-Z
HI-Z
(MSB)
t
CONV
t
DATA
**
Power Down
t
SAMPLE
D
IN
t
CYC
t
CSH
* After completing the data transfer, if further clocks are applied with CS low, the A/D Converter will output zeros indefinitely.
** t
DATA: During this time, the bias circuit and the comparator power down while the reference input becomes a high impedance
node, leaving the CLK running to clock out LSB first data or zeroes.
t
SUCS
Don’t Care
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20