Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS515-SM Fiches technique(PDF) 18 Page - Microchip Technology

No de pièce HCS515-SM
Description  KEELOQ CODE HOPPING DECODER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS515-SM Fiches technique(HTML) 18 Page - Microchip Technology

Back Button HCS515-SM Datasheet HTML 14Page - Microchip Technology HCS515-SM Datasheet HTML 15Page - Microchip Technology HCS515-SM Datasheet HTML 16Page - Microchip Technology HCS515-SM Datasheet HTML 17Page - Microchip Technology HCS515-SM Datasheet HTML 18Page - Microchip Technology HCS515-SM Datasheet HTML 19Page - Microchip Technology HCS515-SM Datasheet HTML 20Page - Microchip Technology HCS515-SM Datasheet HTML 21Page - Microchip Technology HCS515-SM Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
HCS515
DS40183D-page 18
© 2002 Microchip Technology Inc.
7.0
ENCODERS
7.1
Transmission Format (PWM)
The encoder transmission is made up of several parts
(Figure 7-1).
Each
transmission
begins
with
a
preamble and a header, followed by the encrypted and
then the fixed data. The actual data is 66/69 bits, which
consist of 32 bits of encrypted data and 34/37 bits of
non-encrypted data. Each transmission is followed by
a guard period before another transmission can begin.
The code hopping portion provides up to four billion
changing code combinations and includes the button
status bits (based on which buttons were activated),
along with the synchronization counter value and some
discrimination bits. The non-code hopping portion is
comprised of the status bits, the function bits, and the
28-bit serial number. The encrypted and non-encrypted
combined sections increase the number of combina-
tions to 7.38 x 1019.
7.2
Code Word Organization
The HCS encoder transmits a 66/69-bit code word
when a button is pressed. The 66/69-bit word is con-
structed from a code hopping portion and a non-code
hopping portion (Figure 7-2).
The Encrypted Data is generated from four button bits,
two overflow counter bits, ten discrimination bits, and
the 16-bit synchronization counter value.
The Non-encrypted Data is made up from 2 status
bits, 4 function bits, and the 28/32-bit serial number.
FIGURE 7-1:
TRANSMISSION FORMAT (PWM)
FIGURE 7-2:
CODE WORD ORGANIZATION
LOGIC "1"
Guard
Time
50%
Encrypted
Portion
Fixed Code
Portion
LOGIC "0"
Preamble
Header
TE
TE
TE
10xTE
TBP
Repeat
(1-bit)
VLOW
(1-bit)
Button
Status
S2 S1 S0 S3
Serial Number
(28 bits)
Button
Status
S2 S1 S0 S3
OVR
(2 bits)
DISC
(10 bits)
Sync Counter
(16 bits)
Repeat
(1-bit)
VLOW
(1-bit)
Button
Status
1 1 1 1
Serial Number
(28 bits)
SEED
(32 bits)
34 bits of Fixed Portion
32 bits of Encrypted Portion
66 Data bits
Transmitted
LSb first.
LSb
MSb
MSb
LSb
SEED replaces Encrypted Portion when all button inputs are activated at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28