Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AY0438IP Fiches technique(PDF) 4 Page - Microchip Technology

No de pièce AY0438IP
Description  32-Segment CMOS LCD Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AY0438IP Fiches technique(HTML) 4 Page - Microchip Technology

  AY0438IP Datasheet HTML 1Page - Microchip Technology AY0438IP Datasheet HTML 2Page - Microchip Technology AY0438IP Datasheet HTML 3Page - Microchip Technology AY0438IP Datasheet HTML 4Page - Microchip Technology AY0438IP Datasheet HTML 5Page - Microchip Technology AY0438IP Datasheet HTML 6Page - Microchip Technology AY0438IP Datasheet HTML 7Page - Microchip Technology AY0438IP Datasheet HTML 8Page - Microchip Technology AY0438IP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AY0438
DS70010I-page 4
© 1995 Microchip Technology Inc.
1.4
General
In order to avoid any race conditions, the Data In and
Load signals should not be changed during a falling
edge of the Clock. Figure 4 and Figure 7 show a typical
timing diagram for a 32 segment and 64 segment LCD
module.
1.5
Interfacing to a LCD Module and
PIC16CXX Device
Figure 8 shows a typical layout of an AY0438 con-
nected to a LCD module and interfaced to a PIC16CXX
family device. Example 1 lists code used to program
the PIC16CXX device. This code was complied using
MPASM.
FIGURE 8: INTERFACING TO A LCD MODULE AND PIC16CXX DEVICE
EXAMPLE 1:
EXAMPLE CODE
;*************************************************************************
;This program shows an interface between a PIC16CXX device
;and the AY0438 LCD controller to control a 7 Segment
;4 digit LCD module.
;The PIC16CXX interface to the AY0438 Hardware:
;
;
PORTB bit 0 --> CLK
;
PORTB bit 1 --> DATA IN
;
PORTB bit 2 --> LOAD
;
;The LCD module is connected to the AY0438 as follows:
;
Most Significant digit
--> seg1 to seg7
;
3rd Significant digit
--> seg9 to seg15
;
2nd Significant digit
--> seg17 to seg 23
;
Least Significant digit --> seg25 to seg 31
;
PIC16CXX
AY0438
RB0
RB1
RB2
RB7
Clock
Data In
Load
SEG1
SEG7
SEG6
SEG5
SEG4
SEG3
SEG2
SEG9-15
SEG19-23
SEG25-31
Backplane
SEG A
SEG F
SEG G
SEG E
SEG D
SEG C
SEG B
LCD
7
A
B
C
D
E
F G
Backplane
7
7
LCD
Φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11