| Moteur de recherche de fiches techniques de composants électroniques |
|
K1109G-X-AE3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
K1109G-X-AE3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD K1109 N-CHANNEL JFET www.unisonic.com.tw 1 of 4 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R206-009.O N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE DESCRIPTION The UTC K1109 is N-channel JFET for electrets condenser microphone. FEATURES * High GM Implies Low Transfer loss * Built-In Gate-Source Diode and Resistor Implies Fast Power on Settling Time ORDERING INFORMATION Ordering Number Package Pin Assignment Packing 1 2 3 K1109G-x-AE3-R SOT-23 S D G Tape Reel K1109G-x-AQ3-R SOT-723 S D G Tape Reel Note: Pin Assignment: S: Source D: Drain G: Gate MARKING |
Numéro de pièce similaire - K1109G-X-AE3-R |
|
Description similaire - K1109G-X-AE3-R |