| Moteur de recherche de fiches techniques de composants électroniques |
|
IMX2L-AG6-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
IMX2L-AG6-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD IMX2 DUAL TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2012 Unisonic Technologies Co., Ltd QW-R215-004.D NPN GENERAL PURPOSE DUAL TRANSISTOR FEATURES * Two independently operating NPN transistors. EQUIVALENT CIRCUITS TR2 TR1 (1) (2) (3) (4) (5) (6) ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1234 5 6 IMX2L-AG6 -R IMX2G-AG6-R SOT-26 C1 B2 C2 E2 E1 B1 Tape Reel Note: Pin Assignment: B: Base C: Collector E: Emitter MARKING |
Numéro de pièce similaire - IMX2L-AG6-R |
|
Description similaire - IMX2L-AG6-R |