| Moteur de recherche de fiches techniques de composants électroniques |
|
UD12KL-AL6-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UD12KL-AL6-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD UD12K DUAL TRANSISTOR www.unisonic.com.tw 1 of 4 Copyright © 2010 Unisonic Technologies Co., Ltd QW-R218-005.C GENERAL PURPOSE (DUAL DIGITAL TRANSISTOR) FEATURES * Both the DTA144E chip and DTC144E chip in a SOT-363 package. * NPN/PNP silicon transistor(Built-in resistor type) EQUIVALENT CIRCUIT 4 5 6 12 3 R1 R1 TR2 TR1 R2 R2 ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Halogen-Free Package 12345 6 Packing UD12KL-AL6-R UD12KG-AL6-R SOT-363 E1 B1 C2 E2 B2 C1 Tape Reel MARKING |
Numéro de pièce similaire - UD12KL-AL6-R |
|
Description similaire - UD12KL-AL6-R |