| Moteur de recherche de fiches techniques de composants électroniques |
|
UA6K-AL6-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UA6K-AL6-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD UA6K DUAL TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2008 Unisonic Technologies Co., Ltd QW-R218-007.A GENERAL PURPOSE (DUAL DIGITAL TRANSISTOR) FEATURES * Two DTA144T chips in a SOT-363 package. * Mounting cost and area can be cut in half. EQUIVALENT CIRCUIT 4 5 6 12 3 R1 R1 TR2 TR1 *Pb-free plating product number: UA6KL ORDERING INFORMATION Ordering Number Pin Assignment Normal Lead Free Plating Package 1 2 3 4 5 6 Packing UA6K-AL6-R UA6KL-AL6-R SOT-363 E1 B1 C2 E2 B2 C1 Tape Reel MARKING |
Numéro de pièce similaire - UA6K-AL6-R |
|
Description similaire - UA6K-AL6-R |