| Moteur de recherche de fiches techniques de composants électroniques |
|
DTC115TG-AE3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DTC115TG-AE3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD MPSH10A NPN EPITAXIAL SILICON TRANSISTOR www.unisonic.com.tw 1 of 4 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R201-065.C RF TRANSISTOR DESCRIPTION The UTC MPSH10A is desinged for using as VHF and UHF oscillators and VHF Mixer in a tuner of a TV receiver. TO-92 1 ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 MPSH10AL-x-T92-B MPSH10AG-x-T92-B TO-92 B E C Tape Box MPSH10AL-x-T92-K MPSH10AG-x-T92-K TO-92 B E C Bulk Note: Pin Assignment: E: Emitter C: Collector B: Base MARKING |
Numéro de pièce similaire - DTC115TG-AE3-R |
|
Description similaire - DTC115TG-AE3-R |