| Moteur de recherche de fiches techniques de composants électroniques |
|
DTA144TG-AL3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DTA144TG-AL3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD DTA144T PNP SILICON TRANSISITOR www.unisonic.com.tw 1 of 3 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R206-065.E PNP DIGITAL TRANSISTOR (BUILT-IN RESISTOR) FEATURES * Built-in bias resistors that implies easy ON/OFF applications. * The bias resistors are thin-film resistors with complete isolation to allow positive input. EQUIVALENT CIRCUIT ORDERING INFORMATION Ordering Number Package Pin Assignment Packing 1 2 3 DTA144TG-AE3-R SOT-23 E B C Tape Reel DTA144TG-AL3-R SOT-323 E B C Tape Reel DTA144TG-AN3-R SOT-523 E B C Tape Reel Note: Pin Assignment: B: Base C: Collector E: Emitter MARKING |
Numéro de pièce similaire - DTA144TG-AL3-R |
|
Description similaire - DTA144TG-AL3-R |