| Moteur de recherche de fiches techniques de composants électroniques |
|
DTA114YG-AE3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DTA114YG-AE3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD DTA114Y PNP SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R206-073.H DIGITAL TRANSISTOR (BUILT- IN BIAS RESISTORS) FEATURES * Built-in Bias Resistors that Implies Easy ON/OFF Applications. * The Bias Resistors are Thin-Film Resistors with Complete Isolation to Allow Positive Input. EQUIVALENT CIRCUIT TO-92 1 SOT-523 3 2 1 SOT-323 3 2 1 SOT-23 3 2 1 ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Halogen Free Package 12 3 Packing - DTA114YG-AE3-R SOT-23 G I O Tape Reel - DTA114YG-AL3-R SOT-323 G I O Tape Reel - DTA114YG-AN3-R SOT-523 G I O Tape Reel DTA114YL-T92-B DTA114YG-T92-B TO-92 G O I Tape Box DTA114YL-T92-K DTA114YG-T92-K TO-92 G O I Bulk Note: Pin assignment: G: GND I: IN O: OUT MARKING SOT-23 / SOT-323 / SOT-523 TO-92 |
Numéro de pièce similaire - DTA114YG-AE3-R |
|
Description similaire - DTA114YG-AE3-R |