| Moteur de recherche de fiches techniques de composants électroniques |
|
DTA114EG-AN3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DTA114EG-AN3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD DTA114E PNP SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R206-046.F DIGITAL TRANSISTOR (BUILT- IN BIAS RESISTORS) FEATURES * Built-in Bias Resistors that Implies Easy ON/OFF Applications. * The Bias Resistors are Thin-Film Resistors with Complete Isolation to Allow Positive Input. EQUIVALENT CIRCUIT TO-92SP 1 TO-92 1 SOT-523 3 2 1 SOT-323 3 2 1 SOT-23 3 2 1 ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 - DTA114EG-AE3-R SOT-23 G I O Tape Reel - DTA114EG-AL3-R SOT-323 G I O Tape Reel - DTA114EG-AN3-R SOT-523 G I O Tape Reel DTA114EL-T92-B DTA114EG-T92-B TO-92 G O I Tape Box DTA114EL-T92-K DTA114EG-T92-K TO-92 G O I Bulk DTA114EL-T9S-K DTA114EG-T9S-K TO-92SP G O I Bulk Note: Pin assignment: G: GND I: IN O: OUT MARKING SOT-23 / SOT-323 / SOT-523 TO-92 / TO-92SP |
Numéro de pièce similaire - DTA114EG-AN3-R |
|
Description similaire - DTA114EG-AN3-R |