| Moteur de recherche de fiches techniques de composants électroniques |
|
DTA113TG-AE3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DTA113TG-AE3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD DTA113T PNP SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R206-091.D PNP DIGITAL TRANSISTOR (BUILT- IN BIAS RESISTORS) FEATURES * Built-in bias resistors that implies easy ON/OFF applications. * The bias resistors are thin-film resistors with complete isolation to allow positive input. EQUIVALENT CIRCUIT ORDERING INFORMATION Ordering Number Package Pin Assignment Packing 1 2 3 DTA113TG-AE3-R SOT-23 E B C Tape Reel Note: Pin assignment: E: Emitter B: Base C: Collector MARKING AB3T |
Numéro de pièce similaire - DTA113TG-AE3-R |
|
Description similaire - DTA113TG-AE3-R |