| Moteur de recherche de fiches techniques de composants électroniques |
|
UD2195G-AB3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UD2195G-AB3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD UD2195 Preliminary NPN SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2008 Unisonic Technologies Co., Ltd QW-R208-043.a NPN EPITAXIAL PLANAR TRANSISTOR DESCRIPTION * The UTC UD2195 is designed for use in general purpose amplifier and low speed switching application. * Pb-free package process is adopted. Lead-free: UD2195L Halogen-free: UD2195G ORDERING INFORMATION Ordering Number Pin Assignment Normal Lead Free Halogen Free Package 1 2 3 Packing UD2195-AB3-R UD2195L-AB3-R UD2195G-AB3-R SOT-89 B C E Tape Reel |
Numéro de pièce similaire - UD2195G-AB3-R |
|
Description similaire - UD2195G-AB3-R |