| Moteur de recherche de fiches techniques de composants électroniques |
|
TIP107G-TN3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
TIP107G-TN3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD TIP107 PNP SILICON TRANSISTOR www.unisonic.com.tw 1 of 4 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R203-023.D PNP EPITAXIAL TRANSISTOR DESCRIPTION The UTC TIP107 is designed for using in general purpose amplifier and switching applications. FEATURES * Low VCE(SAT) * High Current Gain * Complementary to TIP102 ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Halogen Free Package 1 2 3 Packing TIP107L-TA3-T TIP107G-TA3-T TO-220 B C E Tube TIP107L-TF3-T TIP107G-TF3-T TO-220F B C E Tube TIP107L-TN3-R TIP107G-TN3-R TO-252 B C E Tape Reel TIP107L-T60-K TIP107G-T60-K TO-126 E C B Bulk TIP107L-T6S-K TIP107G-T6S-K TO-126S E C B Bulk Note: Pin Assignment: C: Collector B: Base E: Emitter MARKING TO-220 / TO-220F / TO-252 TO-126 / TO-126S |
Numéro de pièce similaire - TIP107G-TN3-R |
|
Description similaire - TIP107G-TN3-R |