| Moteur de recherche de fiches techniques de composants électroniques |
|
TIP102L-TN3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
TIP102L-TN3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD TIP102 NPN SILICON TRANSISTOR www.unisonic.com.tw 1 of 4 Copyright © 2012 Unisonic Technologies Co., Ltd QW-R209-025.B NPN EPITAXIAL TRANSISTOR DESCRIPTION The UTC TIP102 is designed for using in general purpose amplifier and switching applications. FEATURES * Low VCE(SAT) * High Current Gain * Complementary to TIP107 ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 TIP102L-TA3-T TIP102G-TA3-T TO-220 B C E Tube TIP102L-TN3-R TIP102G-TN3-R TO-252 B C E Tape Reel |
Numéro de pièce similaire - TIP102L-TN3-R |
|
Description similaire - TIP102L-TN3-R |