| Moteur de recherche de fiches techniques de composants électroniques |
|
MPSA92ML-T92-R Fiches technique(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
MPSA92ML-T92-R Fiches technique(HTML) 2 Page - Unisonic Technologies |
|
2 / 2 page ![]() MPSA92M PNP EPITAXIAL SILICON TRANSISTOR UNISONICTECHNOLOGIESCO.,LTD 2 of 2 www.unisonic.com.tw QW-R201-020.Ba ABSOLUTE MAXIMUM RATINGS (TJ=25°C, unless otherwise specified) PARAMETER SYMBOL RATINGS UNIT Collector-Base Voltage VCBO -300 V Collector-Emitter Voltage VCEO -300 V Emitter-Base Voltage VEBO -6 V Collector Dissipation (TA=25°C) PC 625 mW Collector Current IC -800 mA Junction Temperature TJ 150 °C Storage Temperature TSTG -55~+150 °C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Collector-Base Breakdown Voltage BVCBO IC=-100μA, IE=0 -300 V Collector-Emitter Breakdown Voltage BVCEO IC=-1mA, IB=0 -300 V Collector-Emitter Breakdown Voltage BVCES IC=-100μA, VBE=0 -300 V Emitter-Base Breakdown Voltage BVEBO IE=-100μA, IC=0 -5 V Collector Cut-Off Current ICBO VCB=-300V, IE=0 -100 nA Collector Cut-Off Current ICES VCB=-300V, VBE=0 -1 μA Emitter Cut-Off Current IEBO VEB=-4V, IC=0 100 nA VCE=-10V, IC=-1mA 60 VCE=-10V, IC=-10mA 80 300 VCE=-10V, IC=-100mA 80 DC Current Gain (Note 1) hFE VCE=-10V, IC=-200mA 40 IC=-30mA, IB=-1mA -0.20 Collector-Emitter Saturation Voltage VCE(SAT) IC=-100mA, IB=-10mA -0.7 V Base-Emitter Saturation Voltage VBE(SAT) IC=-10mA, IB=-1mA -0.75 V Output Capacitance COB VCB=-20V, IE=0, f=1MHz 8 pF Note: 1. Pulse test: PW<300μs, Duty Cycle<2% UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. |