| Moteur de recherche de fiches techniques de composants électroniques |
|
4126DG-T92-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
4126DG-T92-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD 4126D NPN EPITAXIAL SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2013 Unisonic Technologies Co., Ltd QW-R204-030.B MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR DESCRIPTION The UTC 4126D is a middling voltage NPN power transistor. it uses UTC’s advanced technology to provide customers with high switching speed and high reliability, etc. The UTC 4126D is suitable for commonly power amplifier circuit, electronic ballasts and energy-saving light etc. FEATURES * High switching speed * High reliability SYMBOL ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 4126DL-T92-B 4126DG-T92-B TO-92 B C E Tape Box 4126DL-T92-K 4126DG-T92-K TO-92 B C E Bulk 4126DL-T92-R 4126DG-T92-R TO-92 B C E Tape Reel 4126DL-T60-K 4126DG-T60-K TO-126 B C E Bulk 4126DL-TM3-T 4126DG-TM3-T TO-251 B C E Tube Note: Pin Assignment: B: Base C: Collector E: Emitter 4126DL-T60-K (1)Packing Type (2)Package Type (3)Lead Free (1) B: Tape Box, K: Bulk, R: Tape Reel, T: Tube (2) T60: TO-126, TM3: TO-251, T92: TO-92 (3) L: Lead Free, G: Halogen Free |
Numéro de pièce similaire - 4126DG-T92-R |
|
Description similaire - 4126DG-T92-R |