Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

X9268 Fiches technique(PDF) 2 Page - Intersil Corporation

No de pièce X9268
Description  Dual Digitally-Controlled (XDCP) Potentiometers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9268 Fiches technique(HTML) 2 Page - Intersil Corporation

  X9268 Datasheet HTML 1Page - Intersil Corporation X9268 Datasheet HTML 2Page - Intersil Corporation X9268 Datasheet HTML 3Page - Intersil Corporation X9268 Datasheet HTML 4Page - Intersil Corporation X9268 Datasheet HTML 5Page - Intersil Corporation X9268 Datasheet HTML 6Page - Intersil Corporation X9268 Datasheet HTML 7Page - Intersil Corporation X9268 Datasheet HTML 8Page - Intersil Corporation X9268 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
FN8172.4
August 29, 2006
Ordering Information
PART NUMBER
PART
MARKING
VCC LIMITS
(V)
POTENTIOMETER
ORGANIZATION (k
Ω)
TEMP. RANGE
(°C)
PACKAGE
PKG.
DWG. #
X9268TS24
X9268TS
5 ±10%
100
0 to +70
24 Ld SOIC (300mil)
M24.3
X9268TS24Z (Note)
X9268TS Z
0 to +70
24 Ld SOIC (300mil) (Pb-free)
M24.3
X9268TS24I
X9268TS I
-40 to +85
24 Ld SOIC (300mil)
M24.3
X9268TS24IZ (Note)
X9268TS ZI
-40 to +85
24 Ld SOIC (300mil) (Pb-free)
M24.3
X9268US24
X9268US
50
0 to +70
24 Ld SOIC (300mil)
M24.3
X9268US24Z (Note)
X9268US Z
0 to +70
24 Ld SOIC (300mil) (Pb-free)
M24.3
X9268US24I
X9268US I
-40 to +85
24 Ld SOIC (300mil)
M24.3
X9268US24IZ (Note)
X9268US ZI
-40 to +85
24 Ld SOIC (300mil) (Pb-free)
M24.3
X9268TS24I-2.7
X9268TS G
2.7 to 5.5
100
-40 to +85
24 Ld SOIC (300mil)
M24.3
X9268TS24IZ-2.7 (Note) X9268TS ZG
-40 to +85
24 Ld SOIC (300mil) (Pb-Free)
M24.3
*Add "T1" suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
X9268



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22