| Moteur de recherche de fiches techniques de composants électroniques |
|
MJE13003DL-X-TN3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
MJE13003DL-X-TN3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 5 page ![]() UNISONIC TECHNOLOGIES CO., LTD MJE13003D NPN SILICON TRANSISTOR www.unisonic.com.tw 1 of 5 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R204-025.I HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR DESCRIPTION The UTC MJE13003D is a NPN Power Transistor. It is intended to be used in applications requiring medium voltage capability and high switching speeds. FEATURES * Fast-Switching And High Voltage Capability * Dynamic Parameters With Low Spread * High Reliability * Integrated Antiparallel Collector-Emitter Diode INTERNAL SCHEMATIC DIAGRAM B (1) C (2) E (3) ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Halogen Free Package 1 2 3 Packing MJE13003DL-x-T60-K MJE13003DG-x-T60-K TO-126 B C E Bulk MJE13003DL-x-TA3-T MJE13003DG-x-TA3-T TO-220 B C E Tube MJE13003DL-x-TM3-T MJE13003DG-x-TM3-T TO-251 B C E Tube MJE13003DL-x-TN3-R MJE13003DG-x-TN3-R TO-252 B C E Tape Reel MJE13003DL-x-T92-B MJE13003DG-x-T92-B TO-92 B C E Tape Box MJE13003DL-x-T92-K MJE13003DG-x-T92-K TO-92 B C E Bulk MJE13003DL-x-T92-A-B MJE13003DG-x-T92-A-B TO-92 E C B Tape Box MJE13003DL-x-T92-A-K MJE13003DG-x-T92-A-K TO-92 E C B Bulk Note: Pin Assignment: E: Emitter B: Base C: Collector |
Numéro de pièce similaire - MJE13003DL-X-TN3-R |
|
Description similaire - MJE13003DL-X-TN3-R |