| Moteur de recherche de fiches techniques de composants électroniques |
|
IMT2AG-AG6-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
IMT2AG-AG6-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD IMT2A PNP EPITAXIAL SILICON TRANSISTOR www.unisonic.com.tw 1 of 4 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R215-003.E GENERAL PURPOSE DUAL TRANSISTOR DESCRIPTION The UTC IMT2A is a general purpose dual transistor within two chips in a SMT package. FEATURES * Two MMBT9015 chips in an SMT package. EQUIVALENT CIRCUITS ORDERING INFORMATION Pin Description Order Number Package 12 34 5 6 Packing IMT2AG-AG6-R SOT-26 C1 B2 C2 E2 E1 B1 Tape Reel IMT2AG-AG6-R (1)Packing Type (2)Package Type (3)Green Package (1) R: Tape Reel (2) AG6: SOT-26 (3) G: Halogen Free and Lead Freee MARKING |
Numéro de pièce similaire - IMT2AG-AG6-R |
|
Description similaire - IMT2AG-AG6-R |