| Moteur de recherche de fiches techniques de composants électroniques |
|
BTC1510F3L-TQ2-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
BTC1510F3L-TQ2-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD BTC1510F3 NPN SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R223-002. E NPN EPITAXIAL PLANAR TRANSISTOR DESCRIPTION As a NPN Darlington transistor the UTC BTC1510F3 is designed for general purpose amplifier and low speed switching application. FEATURES * Very high BVCEO * Very low VCE(SAT) * Very high current gain EQUIVALENT CIRCUIT ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 BTC1510F3L-TA3-T BTC1510F3G-TA3-T TO-220 B C E Tube BTC1510F3L-TF3-T BTC1510F3G-TF3-T TO-220F B C E Tube BTC1510F3L-TF1-T BTC1510F3G-TF1-T TO-220F1 B C E Tube BTC1510F3L-TN3-R BTC1510F3G-TN3-R TO-252 B C E Tape Reel BTC1510F3L-TQ2-T BTC1510F3G-TQ2-T TO-263 B C E Tube BTC1510F3L-TQ2-R BTC1510F3G-TQ2-R TO-263 B C E Tape Reel Note: Pin Assignment: B: Base C: Collector E: Emitter MARKING |
Numéro de pièce similaire - BTC1510F3L-TQ2-R |
|
Description similaire - BTC1510F3L-TQ2-R |