Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMP7731 Fiches technique(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
No de pièce LMP7731
Description  2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LMP7731 Fiches technique(HTML) 17 Page - Texas Instruments

Back Button LMP7731 Datasheet HTML 13Page - Texas Instruments LMP7731 Datasheet HTML 14Page - Texas Instruments LMP7731 Datasheet HTML 15Page - Texas Instruments LMP7731 Datasheet HTML 16Page - Texas Instruments LMP7731 Datasheet HTML 17Page - Texas Instruments LMP7731 Datasheet HTML 18Page - Texas Instruments LMP7731 Datasheet HTML 19Page - Texas Instruments LMP7731 Datasheet HTML 20Page - Texas Instruments LMP7731 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
ADC
SENSOR
INPUT
NETWORK
FEEDBACK
NETWORK
V
-
V
+
SENSOR
INPUT
NETWORK
FEEDBACK
NETWORK
V
-
ADC
(a)
(b)
RISO
C
V
+
LMP7731
www.ti.com
SNOSAT6E – JULY 2007 – REVISED MARCH 2013
ADC's sampling capacitor. Since this large capacitor will be loading the output of the amplifier as well, an
isolation resistor is needed between the output of the amplifier and this capacitor. The isolation resistor, RISO,
separates the additional load capacitance from the output of the amplifier and will also form a low-pass filter and
can be designed to provide noise reduction as well as anti-aliasing. The drawback to having RISO is that it
reduces signal swing since there is some voltage drop across it.
Figure 49 (a) shows the ADC directly connected to the amplifier. To minimize the glitch in this setting, a slower
sample rate needs to be used. Figure 49 (b) shows RISO and an external capacitor used to minimize the glitch.
Figure 49. Driving an ADC
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LMP7731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26