| Moteur de recherche de fiches techniques de composants électroniques |
|
MJE3055TL-TN3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
MJE3055TL-TN3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD MJE3055T NPN SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R203-011.D HIGH VOLTAGE TRANSISTOR DESCRIPTION The UTC MJE3055T is designed for general purpose of amplifier and switching applications. ORDERING INFORMATION Ordering Number Pin Assignment Lead Free Halogen Free Package 1 2 3 Packing MJE3055TL-TA3-T MJE3055TG-TA3-T TO-220 B C E Tube MJE3055TL-TM3-T MJE3055TG-TM3-T TO-251 B C E Tube MJE3055TL-TN3-R MJE3055TG-TN3-R TO-252 B C E Tape Reel Note: Pin Assignment: B: Base C: Case E: Emitter MARKING |
Numéro de pièce similaire - MJE3055TL-TN3-R |
|
Description similaire - MJE3055TL-TN3-R |