| Moteur de recherche de fiches techniques de composants électroniques |
|
2SD313G-X-TQ2-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
2SD313G-X-TQ2-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD 2SD313 NPN SILICON TRANSISTOR www.unisonic.com.tw 1 of 4 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R203-001.F NPN EPITAXIAL PLANAR TRANSISTOR DESCRIPTION The UTC 2SD313 is designed for use in general purpose amplifier and switching applications. ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 2SD313L-x-TA3-T 2SD313G-x-TA3-T TO-220 B C E Tube 2SD313L-x-TF3-T 2SD313G-x-TF3-T TO-220F B C E Tube 2SD313L-x-TQ2-T 2SD313G-x-TQ2-T TO-263 B C E Tube 2SD313L-x-TQ2-R 2SD313G-x-TQ2-R TO-263 B C E Tape Reel Note: Pin assignment: E: Emitter B: Base C: Collector MARKING |
Numéro de pièce similaire - 2SD313G-X-TQ2-R |
|
Description similaire - 2SD313G-X-TQ2-R |