| Moteur de recherche de fiches techniques de composants électroniques |
|
2SA1627AL-X-TN3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
2SA1627AL-X-TN3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD 2SA1627A PNP SILICON TRANSISTOR www.unisonic.com.tw 1 of 4 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R217-004.G PNP EPITAXIAL SILICON TRANSISTOR DESCRIPTION The UTC 2SA1627A is designed for general purpose amplifier and high speed switching applications. FEATURES * High voltage * Low collector saturation voltage. * High-speed switching ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 - 2SA1627AG-x-AA3-R SOT-223 B C E Tape Reel 2SA1627AL-x-TM3-T 2SA1627AG-x-TM3-T TO-251 B C E Tube 2SA1627AL-x-TN3-R 2SA1627AG-x-TN3-R TO-252 B C E Tape Reel 2SA1627AL-x-T60-K 2SA1627AG-x-T60-K TO-126 E C B Bulk 2SA1627AL-x-T6C-K 2SA1627AG-x-T6C-K TO-126C E C B Bulk Note: Pin Assignment: E: Emitter C: Collector B: Base MARKING SOT-223 TO-251 / TO-252 TO-126 / TO-126C |
Numéro de pièce similaire - 2SA1627AL-X-TN3-R |
|
Description similaire - 2SA1627AL-X-TN3-R |