Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

U74LVC2G125L-SM1-R Fiches technique(PDF) 2 Page - Unisonic Technologies

No de pièce U74LVC2G125L-SM1-R
Description  DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G125L-SM1-R Fiches technique(HTML) 2 Page - Unisonic Technologies

  U74LVC2G125L-SM1-R Datasheet HTML 1Page - Unisonic Technologies U74LVC2G125L-SM1-R Datasheet HTML 2Page - Unisonic Technologies U74LVC2G125L-SM1-R Datasheet HTML 3Page - Unisonic Technologies U74LVC2G125L-SM1-R Datasheet HTML 4Page - Unisonic Technologies U74LVC2G125L-SM1-R Datasheet HTML 5Page - Unisonic Technologies U74LVC2G125L-SM1-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
U74LVC2G125
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-136.C
PIN CONFIGURATION
4
3
2
5
1A
2Y
GND
2A
VCC
6
1
7
8
1Y
2OE
1OE
FUNCTION TABLE (each gate)
INPUT
OUTPUT
nOE
A
Y
L
L
L
L
H
H
H
X
Z
LOGIC DIAGRAM (positive logic)



Html Pages

1 2 3 4 5 6