Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMLJ100 Fiches technique(PDF) 7 Page - Micro Commercial Components

No de pièce SMLJ100
Description  Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMLJ100 Fiches technique(HTML) 7 Page - Micro Commercial Components

  SMLJ100 Datasheet HTML 1Page - Micro Commercial Components SMLJ100 Datasheet HTML 2Page - Micro Commercial Components SMLJ100 Datasheet HTML 3Page - Micro Commercial Components SMLJ100 Datasheet HTML 4Page - Micro Commercial Components SMLJ100 Datasheet HTML 5Page - Micro Commercial Components SMLJ100 Datasheet HTML 6Page - Micro Commercial Components SMLJ100 Datasheet HTML 7Page - Micro Commercial Components SMLJ100 Datasheet HTML 8Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SMLJ5.0 THRU SMLJ170CA
Electrical Characteristics @ 25oC Unless Otherwise Specified
REVERSE
STAND-OFF
VOLTAGE
VWM
BREAKDOWN VOLTAGE
V(BR) @IT
(VOLTS)
MAXIMUM
CLAMPING
VOLTAGE@IPP
PEAK PULSE
CURRENT
IPP
MAXIMUM
REVERSE
LEAKAGE
@VWM
ID
MCC PART
NUMBER
VOLTS
MIN
MAX
IT(mA)
VOLTS
(AMPS)
(uA)
MARKING
CODE
SMLJ28C
28
31.1
38.0
1
50.0
60.0
5
IFF
SMLJ28CA
28
31.1
34.4
1
45.4
66.0
5
IFG
SMLJ30C
30
33.3
40.7
1
53.5
56.0
5
IFH
SMLJ30CA
30
33.3
36.8
1
48.4
62.0
5
IFK
SMLJ33C
33
36.7
44.9
1
59.0
50.4
5
IFL
SMLJ33CA
33
36.7
40.6
1
53.3
56.2
5
IFM
SMLJ36C
36
40.0
48.9
1
64.3
46.6
5
IFN
SMLJ36CA
36
40.0
44.2
1
58.1
51.6
5
IFP
SMLJ40C
40
44.4
54.3
1
71.4
42.0
5
IFQ
SMLJ40CA
40
44.4
49.1
1
64.5
46.4
5
IFR
SMLJ43C
43
47.8
58.4
1
76.7
39.2
5
IFS
SMLJ43CA
43
47.8
52.8
1
69.4
43.2
5
IFT
SMLJ45C
45
50.0
61.1
1
80.3
37.4
5
IFU
SMLJ45CA
45
50.0
55.3
1
72.7
41.2
5
IFV
SMLJ48C
48
53.3
65.1
1
85.5
35.0
5
IFW
SMLJ48CA
48
53.3
58.9
1
77.4
38.8
5
IFX
SMLJ51C
51
56.7
69.3
1
91.1
37.0
5
IFY
SMLJ51CA
51
56.7
62.7
1
82.4
36.4
5
IFZ
SMLJ54C
54
60.0
73.3
1
96.3
31.2
5
IGD
SMLJ54CA
54
60.0
66.3
1
87.1
34.4
5
IGE
SMLJ58C
58
64.4
78.7
1
103
39.2
5
IGF
SMLJ58CA
58
64.4
71.2
1
93.6
32.0
5
IGG
SMLJ60C
60
66.7
81.5
1
107
28.0
5
IGH
SMLJ60CA
60
66.7
73.7
1
96.8
31.0
5
IGK
SMLJ64C
64
71.1
86.9
1
114
26.4
5
IGL
SMLJ64CA
64
71.1
78.6
1
103
29.2
5
IGM
SMLJ70C
70
77.8
95.1
1
125
24.0
5
IGN
SMLJ70CA
70
77.8
86.0
1
113
26.6
5
IGP
SMLJ75C
75
83.3
102.0
1
134
22.4
5
IGQ
SMLJ75CA
75
83.3
92.1
1
121
24.8
5
IGR
SMLJ78C
78
86.7
106.0
1
139
21.6
5
IGS
SMLJ78CA
78
86.7
95.8
1
126
22.8
5
IGT
SMLJ85C
85
94.4
115.0
1
151
19.8
5
IGU
SMLJ85CA
85
94.4
104.0
1
137
20.8
5
IGV
SMLJ90C
90
100
122.0
1
160
18.8
5
IGW
SMLJ90CA
90
100
111.0
1
146
20.6
5
IGX
SMLJ100C
100
111
136
1
179
16.8
5
IGY
SMLJ100CA
100
111
123
1
162
18.6
5
IGZ
SMLJ110C
110
122
149.0
1
196
15.4
5
IHD
SMLJ110CA
110
122
135.0
1
177
16.8
5
IHE
SMLJ120C
120
133
163
1
214
14.0
5
IHF
SMLJ120CA
120
133
147
1
193
15.6
5
IHG
MCC
www.mccsemi.com



Html Pages

1 2 3 4 5 6 7 8