| Moteur de recherche de fiches techniques de composants électroniques |
|
U74HC07G-P14-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
U74HC07G-P14-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 5 page ![]() UNISONIC TECHNOLOGIES CO., LTD U74HC07 CMOS IC www.unisonic.com.tw 1 of 5 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R502-A47.C HEX BUFFER (OPEN DRAIN) DESCRIPTION The U74HC07 is a high speed CMOS hex open drain buffer fabricated with UTC advanced CMOS technology. The internal circuit is composed of 2 stages including buffer output, which enables high noise immunity and stable output. All inputs are equipped with protection circuits against static discharge and transient excess voltage. ORDERING INFORMATION Ordering Number Package Packing U74HC07G-S14-R SOP-14 Tape Reel U74HC07G-P14-R TSSOP-14 Tape Reel MARKING SOP-14 TSSOP-14 U T C U74HC07G 2 3 4 5 67 1 9 10 11 12 13 14 Date Code Lot Code 8 U T C U74HC07G 2 3 4 5 67 1 9 10 11 12 13 14 Date Code Lot Code 8 |
Numéro de pièce similaire - U74HC07G-P14-R |
|
Description similaire - U74HC07G-P14-R |