| Moteur de recherche de fiches techniques de composants électroniques |
|
U74CBT3306G-P08-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
U74CBT3306G-P08-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD U74CBT3306 CMOS IC www.unisonic.com.tw 1 of 4 Copyright © 2015 Unisonic Technologies Co., Ltd QW-R502-941.B DUAL FET BUS SWITCH DESCRIPTION The U74CBT3306 dual FET bus switch features independent line switches. Each switch is disabled when the associated output-enable ( OE ) input is high. FEATURES * 5-Ω Switch Connection Between Two Ports * TTL-Compatible Input Levels ORDERING INFORMATION Ordering Number Package Packing U74CBT3306G-S08-R SOP-8 Tape Reel U74CBT3306G-P08-R TSSOP-8 Tape Reel (1) R: Tape Reel (2) S08: SOP-8, P08: TSSOP-8 (3) G: Halogen Free and Lead Free U74CBT3306G-S08-R (1) Packing Type (2) Package Type (3) Green Package MARKING SOP-8 TSSOP-8 |
Numéro de pièce similaire - U74CBT3306G-P08-R |
|
Description similaire - U74CBT3306G-P08-R |