Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMBJ30 Fiches technique(PDF) 3 Page - Micro Commercial Components

No de pièce SMBJ30
Description  Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMBJ30 Fiches technique(HTML) 3 Page - Micro Commercial Components

  SMBJ30 Datasheet HTML 1Page - Micro Commercial Components SMBJ30 Datasheet HTML 2Page - Micro Commercial Components SMBJ30 Datasheet HTML 3Page - Micro Commercial Components SMBJ30 Datasheet HTML 4Page - Micro Commercial Components SMBJ30 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMBJ5.0(A) thru SMBJ170(A)
Electrical Characteristics @ 25oC Unless Otherwise Specified
REVERSE
STAND-OFF
VOLTAGE
VWM
BREAKDOWN VOLTAGE
V(BR) @IT
(VOLTS)
MAXIMUM
CLAMPING
VOLTAGE@IPP
PEAK PULSE
CURRENT
IPP
MAXIMUM
REVERSE
LEAKAGE
@VWM
ID
MCC PART
NUMBER
VOLTS
MIN
MAX
IT(mA)
VOLTS
(AMPS)
(uA)
MARKING
CODE
SMBJ5.0
5.0
6.40
7.30
10
9.6
62.5
800
KD
SMBJ5.0A
5.0
6.40
7.00
10
9.2
65.2
800
KE
SMBJ6.0
6.0
6.67
8.15
10
11.4
52.6
800
KF
SMBJ6.0A
6.0
6.67
7.37
10
10.3
58.3
800
KG
SMBJ6.5
6.5
7.22
8.82
10
12.3
48.7
500
KH
SMBJ6.5A
6.5
7.22
7.98
10
11.2
53.6
500
KK
SMBJ7.0
7.0
7.78
9.51
10
13.3
45.1
200
KL
SMBJ7.0A
7.0
7.78
8.60
10
12.0
50.0
200
KM
SMBJ7.5
7.5
8.33
10.2
1
14.3
42.0
100
KN
SMBJ7.5A
7.5
8.33
9.21
1
12.9
46.5
100
KP
SMBJ8.0
8.0
8.89
10.9
1
15.0
40.0
50
KQ
SMBJ8.0A
8.0
8.89
9.83
1
13.6
44.1
50
KR
SMBJ8.5
8.5
9.44
11.5
1
15.9
37.7
10
KS
SMBJ8.5A
8.5
9.44
10.4
1
14.4
41.7
10
KT
SMBJ9.0
9.0
10.0
12.2
1
16.9
35.5
5
KU
SMBJ9.0A
9.0
10.0
11.1
1
15.4
39.0
5
KV
SMBJ10
10
11.1
13.6
1
18.8
31.9
5
KW
SMBJ10A
10
11.1
12.3
1
17.0
35.3
5
KX
SMBJ11
11
12.2
14.9
1
20.1
29.9
5
KY
SMBJ11A
11
12.2
13.5
1
18.2
33.0
5
KZ
SMBJ12
12
13.3
16.3
1
22.0
27.3
5
LD
SMBJ12A
12
13.3
14.7
1
19.9
30.2
5
LE
SMBJ13
13
14.4
17.6
1
23.8
25.2
5
LF
SMBJ13A
13
14.4
15.9
1
21.5
27.9
5
LG
SMBJ14
14
15.6
19.1
1
25.8
23.3
5
LH
SMBJ14A
14
15.6
17.2
1
23.2
25.8
5
LK
SMBJ15
15
16.7
20.4
1
26.9
22.3
5
LL
SMBJ15A
15
16.7
18.5
1
24.4
24.0
5
LM
SMBJ16
16
17.8
21.8
1
28.8
20.8
5
LN
SMBJ16A
16
17.8
19.7
1
26.0
23.1
5
LP
SMBJ17
17
18.9
23.1
1
30.5
19.7
5
LQ
SMBJ17A
17
18.9
20.9
1
27.6
21.7
5
LR
SMBJ18
18
20.0
24.4
1
32.2
18.6
5
LS
SMBJ18A
18
20.0
22.1
1
29.2
20.5
5
LT
SMBJ20
20
22.2
27.1
1
35.8
16.7
5
LU
SMBJ20A
20
22.2
24.5
1
32.4
18.5
5
LV
SMBJ22
22
24.4
29.8
1
39.4
15.2
5
LW
SMBJ22A
22
24.4
26.9
1
35.5
16.9
5
LX
SMBJ24
24
26.7
32.6
1
43.0
14.0
5
LY
SMBJ24A
24
26.7
29.5
1
38.9
15.4
5
LZ
SMBJ26
26
28.9
35.3
1
46.6
12.4
5
MD
SMBJ26A
26
28.9
31.9
1
42.1
14.2
5
ME
MCC
www.mccsemi.com



Html Pages

1 2 3 4 5