| Moteur de recherche de fiches techniques de composants électroniques |
|
SMDA Fiches technique(PDF) 2 Page - Micro Commercial Components |
|
|
|||||||||||||||||||||||||||||
SMDA Fiches technique(HTML) 2 Page - Micro Commercial Components |
|
2 / 2 page ![]() NOTE: Transient Voltage Suppression (TVS) product is normally selected based on its stand off Voltage VWM. Product selected voltage should be equal to or greater than the continuous peak operating voltage of the circuit to be protected. WAVE FORMS FIGURE 1 FIGURE 2 Peak Pulse Power Vs Pulse Time Pulse Wave Form MOUNTING PAD SO-8 CIRCUIT DIAGRAM SO-8 PACKAGE 0 10 20 30 0 50 100 t -- Time in microsec Ip p - - Pe ak Pu lse Cu rre nt -- % Ip Peak Value -- Ipp Half-Value -- Ipp 2 8 X 20 Waveform t t d 0.245 MIN 0.045±.005 .160±.005 .050 TYP .030±.005 INCHES MILLIMETERS MAX MIN DIM MAX MIN 0.197 A 0.188 4.77 5.00 0.158 0.150 3.81 4.01 0.069 0.053 1.35 1.75 0.021 0.011 0.28 0.53 0.050 0.016 0.41 1.27 0.050 BSC 1.27 BSC 0.010 0.006 0.15 0.25 0.008 0.004 0.10 0.20 0.206 0.189 4.80 5.23 B C D F G J K L 0.244 P 0.228 5.79 6.19 UNIDIRECTIONAL BIDIRECTIONAL www.mccsemi.com MCC SMDA/B03 thru SMDA/B24C |